Part Number Hot Search : 
28617 S0104 AD241AR ADXL05J EL5293C R6021035 MODEL B1505
Product Description
Full Text Search
 

To Download FS14KM-10A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mitsubishi nch power mosfet FS14KM-10A high-speed switching use sep. 2001 2.6 0.2 15 0.3 14 0.5 10 0.3 2.8 0.2 3.2 0.2 1.1 0.2 1.1 0.2 0.75 0.15 2.54 0.25 2.54 0.25 4.5 0.2 0.75 0.15 3 0.3 3.6 0.3 6.5 0.3 ??? ? ? ? ? gate ? drain ? source mitsubishi nch power mosfet FS14KM-10A high-speed switching use 500 30 14 42 14 35 ?5 ~ +150 ?5 ~ +150 2000 2.0 v gs = 0v v ds = 0v l = 200 h ac for 1minute, terminal to case typical value drain-source voltage gate-source voltage drain current drain current (pulsed) avalanche current (pulsed) maximum power dissipation channel temperature storage temperature isolation voltage weight v v a a a w c c v g v dss v gss i d i dm i da p d t ch t stg v iso symbol maximum ratings (tc = 25 c) parameter conditions ratings unit FS14KM-10A outline drawing dimensions in mm application smps, ac-adapter, power supply of printer, copier, tv, vcr. etc. to-220fn 10v drive v dss ............................................................................... 500v r ds (on) (max) .............................................................. 0.64 ? i d ......................................................................................... 14a
mitsubishi nch power mosfet FS14KM-10A high-speed switching use sep. 2001 3.0 0.50 3.50 11.0 1500 150 35 25 40 190 50 1.5 i d = 1ma, v gs = 0v i gs = 100 a, v ds = 0v v gs = 25v, v ds = 0v v ds = 500v, v gs = 0v i d = 1ma, v ds = 10v i d = 7a, v gs = 10v i d = 7a, v gs = 10v i d = 7a, v ds = 10v v ds = 25v, v gs = 0v, f = 1mhz v dd = 200v, i d = 7a, v gs = 10v, r gen = r gs = 50 ? i s = 7a, v gs = 0v channel to case drain-source breakdown voltage gate-source breakdown voltage gate-source leakage current drain-source leakage current gate-source threshold voltage drain-source on-state resistance drain-source on-state voltage forward transfer admittance input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time source-drain voltage thermal resistance 500 30 2.5 6.6 electrical characteristics (tch = 25 c) v (br) dss v (br) gss i gss i dss v gs (th) r ds (on) v ds (on) ? y fs ? c iss c oss c rss t d (on) t r t d (off) t f v sd r th (ch-c) v v a ma v ? v s pf pf pf ns ns ns ns v c/w 10 1 3.5 0.64 4.48 2.0 3.57 symbol unit parameter test conditions limits min. typ. max. 0 10 20 30 40 50 0 200 50 100 150 power dissipation derating curve case temperature t c ( c) power dissipation p d (w) maximum safe operating area drain-source voltage v ds (v) drain current i d (a) drain current i d (a) drain-source voltage v ds (v) output characteristics (typical) drain current i d (a) drain-source voltage v ds (v) 10 1 10 0 7 10 1 5 7 2 3 5 7 2 3 5 7 2 3 10 1 357 2 10 2 357 7 235 2 5 2 3 0 10 20 30 40 50 0 1020304050 0 2 8 12 16 20 048121620 t c = 25 c single pulse 100 s tw = 10 s 1ms dc 10 ms output characteristics (typical) v gs = 20v,10v 8v,6v p d = 35w t c = 25 c pulse test 5v p d = 35w v gs = 20v,10v,8v,6v t c = 25 c pulse test 5v performance curves
mitsubishi nch power mosfet FS14KM-10A high-speed switching use sep. 2001 0 8 16 24 32 40 0 4 8 12 16 20 0 8 16 24 32 40 0 4 8 12 16 20 0 0.4 0.8 1.2 1.6 2.0 10 1 2 10 0 357 2 10 1 357 2 10 2 357 on-state voltage vs. gate-source voltage (typical) gate-source voltage v gs (v) drain-source on-state voltage v ds (on) (v) on-state resistance vs. drain current (typical) drain current i d (a) drain-source on-state resistance r ds (on) ( ? ) transfer characteristics (typical) gate-source voltage v gs (v) drain current i d (a) forward transfer admittance vs. drain current (typical) drain current i d (a) forward transfer admittance ? y fs ? (s) switching characteristics (typical) drain-source voltage v ds (v) capacitance vs. drain-source voltage (typical) drain current i d (a) capacitance ciss, coss, crss (pf) switching time (ns) 10 0 10 2 10 1 23 57 23 57 10 2 5 7 10 3 2 10 1 3 2 3 5 7 10 0 357 10 1 3 2 257 10 2 3 23 2 57 10 2 3 5 7 10 3 2 10 1 2 3 5 7 10 4 2 3 5 7 10 0 10 2 10 1 23 57 23 57 10 1 10 0 2 3 5 7 10 1 2 3 5 7 10 2 2 3 5 7 v ds = 10v pulse test i d = 25a 7a 14a 20a t c = 25 c pulse test t c = 25 c pulse test v gs = 10v = 20v t c = 25 c v ds = 10v pulse test t c = 25 c,75 c,125 c ciss coss crss t c h = 25 c v gs = 0v f = 1mh z t c h = 25 c v gs = 10v v dd = 200v r gen = r gs = 50 ? t d(off) t d(on) t f t r
mitsubishi nch power mosfet FS14KM-10A high-speed switching use sep. 2001 0.4 0.6 0.8 1.0 1.2 1.4 50 0 50 100 150 v gs = 0v i d = 1ma 0 1.0 2.0 3.0 4.0 5.0 50 0 50 100 150 v ds = 10v i d = 1ma 0 8 16 24 32 40 0 0.8 1.6 2.4 3.2 4.0 10 1 10 0 2 3 5 7 10 1 2 3 5 7 50 0 50 100 150 v gs = 10v i d = 7a pulse test gate-source voltage vs. gate charge (typical) gate charge q g (nc) gate-source voltage v gs (v) source-drain diode forward characteristics (typical) source-drain voltage v sd (v) channel temperature tch ( c) drain-source on-state resistance r ds (on) (t c) threshold voltage vs. channel temperature (typical) gate-source threshold voltage v gs (th) (v) transient thermal impedance characteristics channel temperature tch ( c) breakdown voltage vs. channel temperature (typical) pulse width t w (s) transient thermal impedance z th (ch c) ( c/ w) on-state resistance vs. channel temperature (typical) drain-source on-state resistance r ds (on) (25 c) channel temperature tch ( c) drain-source breakdown voltage v (br) dss (t c) drain-source breakdown voltage v (br) dss (25 c) 0 4 8 12 16 20 0 20406080100 10 2 10 1 2 3 5 7 10 0 2 3 5 7 10 1 2 3 5 7 10 4 23 57 23 57 23 57 23 57 10 0 23 57 10 1 23 57 10 2 10 3 10 2 10 1 source current i s (a) v ds = 100v 400v 200v t c h = 25 c i d = 14a v gs = 0v pulse test t c = 25 c 75 c 125 c p dm tw d = t tw t d = 1.0 = 0.5 = 0.2 = 0.1 single pulse = 0.05 = 0.02 = 0.01


▲Up To Search▲   

 
Price & Availability of FS14KM-10A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X